Part Number Hot Search : 
SI4012 3502EM MIW3126 QXL2B104 1100S HIN206CA 135N03 F1401
Product Description
Full Text Search
 

To Download CY7C1009B-15VXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  128k x 8 static ram cy7c109b cy7c1009b cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document #: 38-05038 rev. *c revised august 3, 2006 features ?high speed ?t aa = 12 ns ? low active power ? 495 mw (max.) ? low cmos standby power ? 11 mw (max.) (l version) ? 2.0v data retention ? automatic power-down when deselected ? ttl-compatible inputs and outputs ? easy memory expansion with ce 1 , ce 2 , and oe options ? cy7c109b is available in standard 400-mil-wide soj and 32-pin tsop type i packages. the cy7c1009b is available in a 300-mil-wide soj package functional description [1] the cy7c109b/cy7c1009b is a high-performance cmos static ram organized as 131,072 words by 8 bits. easy memory expansion is provided by an active low chip enable (ce 1 ), an active high chip enable (ce 2 ), an active low output enable (oe ), and tri-state drivers. writing to the device is accomplished by taking chip enable one (ce 1 ) and write enable (we ) inputs low and chip enable two (ce 2 ) input high. data on the eight i/o pins (i/o 0 through i/o 7 ) is then written into the location specified on the address pins (a 0 through a 16 ). reading from the device is accomplished by taking chip enable one (ce 1 ) and output enable (oe ) low while forcing write enable (we ) and chip enable two (ce 2 ) high. under these conditions, the contents of the memory location specified by the address pins will appear on the i/o pins. the eight input/output pins (i/o 0 through i/o 7 ) are placed in a high-impedance state when the device is deselected (ce 1 high or ce 2 low), the outputs are disabled (oe high), or during a write operation (ce 1 low, ce 2 high, and we low). cy7c109b is available in standard 400-mil-wide soj and 32- pin tsop type i packages. the cy7c1009b is available in a 300-mil-wide soj package. the cy7c109b and cy7c1009b are functionally equivalent in all other respects note: 1. for guidelines on sram system design, plea se refer to the ?system design guidelines ? cypress application not e, available on t he internet at www.cypress.com. 2. nc pins are not connected on the die. 14 15 logic block diagram pin a 1 a 2 a 3 a 4 a 5 a 6 a 7 a 8 column decoder row decoder sense amps input buffer power down we oe i/o 0 ce 2 i/o 1 i/o 2 i/o 3 array i/o 7 i/o 6 i/o 5 i/o 4 a 0 a 11 a 13 a 12 a a 10 ce 1 a a 16 a 9 1 2 3 4 5 6 7 8 9 10 11 14 19 20 24 23 22 21 25 28 27 26 top view soj 12 13 29 32 31 30 16 15 17 18 gnd a 16 a 14 a 12 a 7 a 6 a 5 a 4 a 3 we v cc a 15 a 13 a 8 a 9 i/o 7 i/o 6 i/o 5 i/o 4 a 2 nc i/o 0 i/o 1 i/o 2 ce 1 oe a 10 i/o 3 a 1 a 0 a 11 ce 2 a 6 a 7 a 16 a 14 a 12 we v cc a 4 a 13 a 8 a 9 oe tsop i top view (not to scale) 1 6 2 3 4 5 7 32 27 31 30 29 28 26 21 25 24 23 22 19 20 i/o 2 i/o 1 gnd i/o 7 i/o 4 i/o 5 i/o 6 i/o 0 ce a 11 a 5 17 18 8 9 10 11 12 13 14 15 16 ce 2 a 15 nc a 10 i/o 3 a 1 a 0 a 3 a 2 configurations [2] 128k x 8
cy7c109b cy7c1009b document #: 38-05038 rev. *c page 2 of 10 maximum ratings (above which the useful life may be impaired. for user guide- lines, not tested.) storage temperature ................................. ?65 c to +150 c ambient temperature with power applied............................................. ?55 c to +125 c supply voltage on v cc to relative gnd [3] .... ?0.5v to +7.0v dc voltage applied to outputs in high z state [3] ....................................?0.5v to v cc + 0.5v dc input voltage [3] .................................?0.5v to v cc + 0.5v current into outputs (low).... ..................................... 20 ma static discharge voltage......... .............. .............. ....... >2001v (per mil-std-883, method 3015) latch-up current ..................................................... >200 ma selection guide 7c109b-12 7c1009b-12 7c109b-15 7c1009b-15 7c109b-20 7c1009b-20 unit maximum access time 12 15 20 ns maximum operating current 90 80 75 ma maximum cmos standby current 10 10 10 ma maximum cmos standby current (l) 2 ma operating range range ambient temperature v cc commercial 0 c to +70 c 5v 10% industrial ? 40 c to +85 c 5v 10% electrical characteristics over the operating range parameter description test conditions 7c109b-12 7c1009b-12 7c109b-15 7c1009b-15 7c109b-20 7c1009b-20 unit min. max. min. max. min. max. v oh output high voltage v cc = min., i oh = ?4.0 ma 2.4 2.4 2.4 v v ol output low voltage v cc = min., i ol = 8.0 ma 0.4 0.4 0.4 v v ih input high voltage 2.2 v cc + 0.3 2.2 v cc + 0.3 2.2 v cc + 0.3 v v il input low voltage [3] ?0.3 0.8 ?0.3 0.8 ?0.3 0.8 v i ix input leakage current gnd < v i < v cc ?1 +1 ?1 +1 ?1 +1 a i oz output leakage current gnd < v i < v cc , output disabled ?5 +5 ?5 +5 ?5 +5 a i cc v cc operating supply current v cc = max., i out = 0 ma, f = f max = 1/t rc 90 80 75 ma i sb1 automatic ce power-down current ?ttl inputs max. v cc , ce 1 > v ih or ce 2 < v il ,v in > v ih or v in < v il , f = f max 45 40 30 ma i sb2 automatic ce power-down current ?cmos inputs max. v cc , ce 1 > v cc ? 0.3v, or ce 2 < 0.3v, v in > v cc ? 0.3v, or v in < 0.3v, f = 0 10 10 10 ma l2ma capacitance [4] parameter description test conditions max. unit c in input capacitance t a = 25 c, f = 1 mhz, v cc = 5.0v 9pf c out output capacitance 8 pf notes: 3. minimum voltage is?2.0v for pulse durations of less than 20 ns. 4. tested initially and after any design or process changes that may affect these parameters.
cy7c109b cy7c1009b document #: 38-05038 rev. *c page 3 of 10 ac test loads and waveforms 90% 10% 3.0v gnd 90% 10% all input pulses 5v output 30 pf including jig and scope 5v output 5 pf including jig and scope (a) (b) 3 ns 3 ns output r1 480 ? r1 480 ? r2 255 ? r2 255 ? 167 ? equivalent to: venin equivalent 1.73v th switching characteristics [5] parameter description 7c109b-12 7c1009b-12 7c109b-15 7c1009b-15 7c109b-20 7c1009b-20 unit min. max. min. max. min. max. read cycle t rc read cycle time 12 15 20 ns t aa address to data valid 12 15 20 ns t oha data hold from address change 3 3 3 ns t ace ce 1 low to data valid, ce 2 high to data valid 12 15 20 ns t doe oe low to data valid 6 7 8 ns t lzoe oe low to low z 0 0 0 ns t hzoe oe high to high z [6, 7] 678ns t lzce ce 1 low to low z, ce 2 high to low z [7] 333ns t hzce ce 1 high to high z, ce 2 low to high z [6, 7] 678ns t pu ce 1 low to power-up, ce 2 high to power-up 0 0 0 ns t pd ce 1 high to power-down, ce 2 low to power-down 12 15 20 ns write cycle [8] t wc write cycle time [9] 12 15 20 ns t sce ce 1 low to write end, ce 2 high to write end 10 12 15 ns t aw address set-up to write end 10 12 15 ns t ha address hold from write end 0 0 0 ns t sa address set-up to write start 0 0 0 ns t pwe we pulse width 10 12 12 ns t sd data set-up to write end 7 8 10 ns t hd data hold from write end 0 0 0 ns t lzwe we high to low z [7] 333ns t hzwe we low to high z [6, 7] 678ns notes: 5. test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5v, input pulse levels of 0 to 3. 0v, and output loading of the specified i ol /i oh and 30-pf load capacitance. 6. t hzoe , t hzce , and t hzwe are specified with a load capacitance of 5 pf as in part (b) of ac test loads. transition is measured 500 mv from steady-state voltage. 7. at any given temperature and voltage condition, t hzce is less than t lzce , t hzoe is less than t lzoe , and t hzwe is less than t lzwe for any given device. 8. the internal write time of the memory is defined by the overlap of ce 1 low, ce 2 high, and we low. ce 1 and we must be low and ce 2 high to initiate a write, and the transition of any of these signals can terminate the write. the input data set-up and hold timing should be refe renced to the leading edge of the signal that terminates the write. 9. the minimum write cycle time for write cycle no. 3 (we controlled, oe low) is the sum of t hzwe and t sd .
cy7c109b cy7c1009b document #: 38-05038 rev. *c page 4 of 10 data retention characteristics over the operating range ( low power version only ) parameter description conditions min. max. unit v dr v cc for data retention no input may exceed v cc + 0.5v v cc = v dr = 2.0v, ce 1 > v cc ? 0.3v or ce 2 < 0.3v, v in > v cc ? 0.3v or v in < 0.3v 2.0 v i ccdr data retention current 150 a t cdr chip deselect to data retention time 0 ns t r operation recovery time 200 s data retention waveform switching waveforms read cycle no. 1 [10, 11] read cycle no. 2 (oe controlled) [11, 12] notes: 10. device is continuously selected. oe , ce 1 = v il , ce 2 = v ih . 11. we is high for read cycle. 12. address valid prior to or coincident with ce 1 transition low and ce 2 transition high. 4.5v 4.5v ce v cc t cdr v dr > 2v data retention mode t r previous data valid data valid t rc t aa t oha address data out 50% 50% data valid t rc t ace t doe t lzoe t lzce t pu high impedance t hzoe t hzce t pd high oe ce 1 i cc i sb impedance address ce 2 data out v cc supply current
cy7c109b cy7c1009b document #: 38-05038 rev. *c page 5 of 10 write cycle no. 1 (ce 1 or ce 2 controlled) [13, 14] write cycle no. 2 (we controlled, oe high during write) [13, 14] notes: 13. data i/o is high impedance if oe = v ih . 14. if ce 1 goes high or ce 2 goes low simultaneously with we going high, the output remains in a high-impedance state. 15. during this period the i/os are in the output state and input signals should not be applied. switching waveforms (continued) t wc data valid t aw t sa t pwe t ha t hd t sd t sce t sce ce 1 address ce 2 we data i/o t hd t sd t pwe t sa t ha t aw t sce t sce t wc t hzoe data in valid ce 1 address ce 2 we data i/o oe note 15
cy7c109b cy7c1009b document #: 38-05038 rev. *c page 6 of 10 write cycle no. 3 (we controlled, oe low) [14] truth table ce 1 ce 2 oe we i/o 0 ?i/o 7 mode power h x x x high z power-down standby (i sb ) x l x x high z power-down standby (i sb ) l h l h data out read active (i cc ) l h x l data in write active (i cc ) l h h h high z selected, outputs disabled active (i cc ) switching waveforms (continued) data valid t hd t sd t lzwe t pwe t sa t ha t aw t sce t sce t wc t hzwe ce 1 address ce 2 we data i/o note 15
cy7c109b cy7c1009b document #: 38-05038 rev. *c page 7 of 10 ordering information speed (ns) ordering code package diagram package type operating range 12 cy7c109b-12vc 51-85033 32-pin (400-mil) molded soj commercial cy7c1009b-12vc 51-85041 32-pin (300-mil) molded soj cy7c109b-12zc 51-85056 32-pin tsop type i cy7c109b-12zxc 32-pin tsop type i (pb-free) 15 cy7c109bl-15vc 51-85033 32-pin (400-mil) molded soj commercial cy7c109b-15vc 32-pin (400-mil) molded soj cy7c109b-15vxc 32-pin (400-mil) molded soj (pb-free) cy7c1009b-15vc 51-85041 32-pin (300-mil) molded soj CY7C1009B-15VXC 32-pin (300-mil) molded soj (pb-free) cy7c109b-15zc 51-85056 32-pin tsop type i cy7c109b-15zxc 32-pin tsop type i (pb-free) cy7c109b-15vi 51-85033 32-pin (400-mil) molded soj industrial cy7c1009b-15vi 51-85041 32-pin (300-mil) molded soj 20 cy7c109b-20zc 51-85056 32-pin tsop type i commercial cy7c1009b-20vc 51-85041 32-pin (300-mil) molded soj cy7c109b-20vi 51-85033 32-pin (400-mil) molded soj industrial please contact local sales representative regarding availability of parts package diagrams 32-pin (300-mil) molded (51-85041) 51-85041-*a
cy7c109b cy7c1009b document #: 38-05038 rev. *c page 8 of 10 package diagrams (continued) 51-85033-*b 32-pin (400-mil) molded soj (51-85033)
cy7c109b cy7c1009b document #: 38-05038 rev. *c page 9 of 10 ? cypress semiconductor corporation, 2006. the information contained herein is subject to change without notice. cypress semic onductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or ot her rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agr eement with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to re sult in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manu facturer assumes all risk of such use and in doing so indemni fies cypress against all charges. all product and company names mentio ned in this document may be the tr ademarks of their respective holders package diagrams (continued) 51-85056-*d 32-pin tsop type i (8 x 20 mm) (51-85056)
cy7c109b cy7c1009b document #: 38-05038 rev. *c page 10 of 10 document history page document title: cy7c109b/cy7c1009b 128k x 8 static ram document number: 38-05038 rev. ecn no. issue date orig. of change description of change ** 106832 09/22/01 szv change from spec number: 38-00971 to 38-05038 *a 116467 09/16/02 cea added applications foot note to data sheet, page 1 *b 397875 see ecn nxr changed address of cypress semiconductor corporation on page# 1 from ?3901 north first street? to ?198 champion court? updated the ordering information table on page 7 *c 493543 see ecn nxr removed 25 ns and 35 ns speed bin from product offering added note# 2 on page# 1 changed the description of i ix from input load current to input leakage current in dc electrical characteristics table removed i os parameter from dc electrical characteristics table updated the ordering information table


▲Up To Search▲   

 
Price & Availability of CY7C1009B-15VXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X